Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP173WD1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
1. General Description
The LP173WD1 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally white mode. This TFT-LCD has 17.3 inches diagonally measured active display area with
WHD+ resolution(1600 horizontal by 900 vertical pixel array). Each pixel is divided into Red, Green and
Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel
color is determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than
262,144 colors.
The LP173WD1 has been designed to apply the interface method that enables low power, high speed, low
EMI
EMI.
The LP173WD1 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LP173WD1 characteristics provide an excellent flat display for office automation products such as Notebook
PC.
900
LVDS &
Timing
Control
TFT-LCD Panel
(1600 x 900)
1
1
1600
1
40
POWER
BLOCK
Source Driver Circuit
Control
Block
(LOG_B type)
Gl F
t
Control & Data
Power
EDID signal & Power
EDID
BLOCK
LED Backlight Ass’y
Active Screen Size
17.3 inches diagonal
Outline Dimension
398.1(H, Typ.) × 232.8(V, Typ.) × 5.8(D, Max.) mm
Pixel Pitch
0.23868 X 0.23868 mm
Pixel Format
1600 horiz. by 900 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
235 cd/m2(Typ., @ILED=20mA)
PC
ti
T t l 6 3W(T
) L i
1 5 W (T
@M
i ) B/L 4 8W (T
)
General Features
Ver. 1.0
27.May, 2009
4/ 30
Power Consumption
Total 6.3W(Typ.) Logic : 1.5 W (Typ.@Mosaic), B/L : 4.8W (Typ.)
Weight
570g (Max.)
Display Operating Mode
Transmissive mode, normally white
Surface Treatment
Glare treatment of the front Polarizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com