Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
3 3 1 DC S
ifi
ti
3-3. LVDS Signal Timing Specifications
3-3-1. DC Specification
Description
Symb
ol
Min
Max
Unit
Notes
LVDS Differential Voltage
|VID|
100
600
mV
-
LVDS Common mode Voltage
VCM
0.6
1.8
V
-
LVDS Input Voltage Range
VIN
0.3
2.1
V
-
3-3-2. AC Specification
Description
Symbol
Min
Max
Unit
Notes
LVDS Clock to Data Skew Margin
tSKEW
- 400
+ 400
ps
85MHz > Fclk ≥
65MHz
tSKEW
- 600
+ 600
ps
65MHz > Fclk ≥
25MHz
LVDS Clock to Clock Skew Margin (Even
to Odd)
tSKEW_EO
-1/7
+ 1/7
Tclk
-
Maximum deviation
FDEV
-
±
3
%
-
Ver. 1.0
27.May, 2009
8/ 30
of input clock frequency during SSC
FDEV
±
3
%
Maximum modulation frequency
of input clock during SSC
FMOD
-
200
KHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com