Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
3-7. Power Sequence
Power Supply Input
90%
90%
T7
Interface Signal, V
i
LVDS
Power Supply Input
VCC
10%
10%
0V
T1
T2
T3
T4
0V
Valid Data
T5
T6
Dimming control signal
T10
LED on/off control Signal
LED_EN
T9
Valid Data
0V (Off)
Table 6. POWER SEQUENCE TABLE
Of LED BL
PWM
0V (Low)
T8
LED input Voltage
VLED
T11
0V
90%
10%
Parameter
Value
Units
Min.
Typ.
Max.
T1
0.5
-
10
ms
T2
0-
50
ms
T3
0-
50
ms
T4
400
-
-
ms
T5
200
-
-
ms
T6
200
-
-
ms
T7
3-
10
ms
T8
10
-
-
ms
T9
0-
-
ms
T10
0-
-
ms
T
10
ms
Ver. 1.0
27.May, 2009
12/ 30
Note)
1. Valid Data is Data to meet “3-3. LVDS Signal Timing Specifications”
2. Please avoid floating state of interface signal at invalid period.
3. When the interface signal is invalid, be sure to pull down the power supply for LCD VCC to 0V.
4. LED power must be turn on after power supply for LCD and interface signal are valid.
T11
10
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com