Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
3-4. Signal Timing Specifications
This is the signal timing required at the input of the User connector All of the interface signal timing should be
Table 5. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Note
DCLK
Frequency
f
CLK
47.375
48.875
50.375
MHz
2 Port
Period
t
HP
868
892
908
Hsync
tCLK
2 Port
Width
t
WH
20
24
32
Width-Active
tw
HA
800
800
800
Vsync
Period
t
VP
907
912
926
tHP
Width
t
WV
23
5
Width-Active
tw
VA
900
900
900
Horizontal back porch
t
32
44
48
Data
Enable
Horizontal back porch
t
HBP
32
44
48
tCLK
2 Port
Horizontal front porch
t
HFP
16
24
28
Vertical back porch
t
VBP
47
15
tHP
Vertical front porch
t
VFP
12
6
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Hsync t
WH
tHP
Date Enable
Vsync
tHFP
tHBP
tVP
tWV
tVBP
tVFP
tWHA
tWVA
Ver. 1.0
27.May, 2009
10/ 30
Date Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com