Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
3-2. Interface Connections
This LCD employs two interface connections, a 40 pin connector is used for the module electronics interface
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
and the other connector is used for the integral backlight system.
The electronics interface connector is a model UJU 20455-040E manufactured by UJU.
Pin
Symbol
Description
Notes
1
NC
Connector Test / No Connection.(Reserved)
[Interface Chip]
1. LCD :
SW SW0617(LCD Controller)
2
VDD
Power Supply (3.3V typ.)
3
VDD
PS
l (3 3V t
)
SW, SW0617(LCD Controller)
Including LVDS Receiver.
2. System : SiWLVDSRx or equivalent
* Pin to Pin compatible with LVDS
[Connector]
UJU 20455-040E or equivalent
[Mating Connector]
20345-#40E-## series
3
VDD
Power Supply (3.3V typ.)
4
V
EDID
DDC 3.3V power
5
Bist
Panel Self Test.
6
CLK
EDID
DDC clock / SMBus clock
7
DATA
EDID
DDC data / SMBus data
8
Odd_Rin0-
- LVDS differential data input (R0-R5,G0)
9
Odd_Rin0+
+ LVDS differential data input (R0-R5,G0)
10
VSS
Ground
11
Odd Rin1-
- LVDS differential data input (G1-G5 B0-B1)
20345-#40E-## series
or equivalent
[Connector pin arrangement]
11
Odd_Rin1-
- LVDS differential data input (G1-G5,B0-B1)
12
Odd_Rin1+
+ LVDS differential data input (G1-G5,B0-B1)
13
VSS
Ground
14
Odd_Rin2-
- LVDS differential data input (B2-B5,HS,VS,DE)
15
Odd_Rin2+
+ LVDS differential data input (B2-B5,HS,VS,DE)
16
VSS
Ground
17
Odd_ClkIN-
- LVDS differential clock input
18
Odd_ClkIN+
+ LVDS differential clock input
19
NC
No Connection
1
40
19
NC
No Connection
20
Even Rin0-
- LVDS differential data input (R0-R5,G0)
21
Even Rin0+
+ LVDS differential data input (R0-R5,G0)
22
VSS
Ground
23
Even Rin1-
- LVDS differential data input (G1-G5,B0-B1)
24
Even Rin1+
+ LVDS differential data input (G1-G5,B0-B1)
25
VSS
Ground
26
Even Rin2-
- LVDS differential data input (B2-B5,HS,VS,DE)
27
Even Rin2+
+ LVDS differential data input (B2-B5,HS,VS,DE)
1
40
p
28
VSS
Ground
29
Even ClkIN-
- LVDS differential clock input
30
Even ClkIN+
+ LVDS differential clock input
31
VBL-
LED power return
32
VBL-
LED power return
33
VBL-
LED power return
34
NC
Connector Test / No Connection.(Reserved)
35
BLIM
PWM for luminance control(on:3.0V~3.3V, off:0V~0.5V)
Ver. 1.0
27.May, 2009
7/ 30
36
BL_EN
BL On/Off
37
NC
No Connection.
38
VBL+
7V-20V LED power
39
VBL+
7V-20V LED power
40
VBL+
7V-20V LED power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com