Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LP173WD1
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2. ELECTRICAL CHARACTERISTICS
The LP173WD1 requires two power inputs. The first logic is employed to power the LCD electronics and to
drive the TFT array and liquid crystal. The second backlight is the input about LED BL.with LED Driver.
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LOGIC :
PS
l I
t V lt
V
30
33
36
V
Power Supply Input Voltage
VCC
3.0
3.3
3.6
V
Power Supply Input Current
ICC
-
455
515
mA
1
Power Consumption
PCC
-1.5
1.7
W
1
Power Supply Inrush Current
ICC_P
-
-
1000
mA
LVDS Impedance
ZLVDS
90
100
110
Ω
2
BACKLIGHT : ( with LED Driver)
LED Power Input Voltage
VLED
7.0
12.0
20.0
V
LED Power Input Current
ILED
-
20
25
mA
3
LED Power Input Current
ILED
20
25
mA
3
LED Power Comsumption
PLED
-4.8
5.0
W
3
LED Power Inrush Current
ILED_P
-
-
1000
mA
PWM Dimming (Duty) Ratio
-
6
-
100
%
4
PWM Frequency
FPWM
200
1500
Hz
5
PWM High Level Voltage
VPWM_H
3.0
-
5
V
PWM Low Level Voltage
VPWM_L
0-
0.5
V
LED EN High Voltage
V
30
5
V
Note)
1. The specified Icc current and power consumption are under the Vcc = 3.3V , 25℃, fv = 60Hz condition
whereas Mosaic pattern is displayed and fv is the frame frequency.
LED_EN High Voltage
VLED_EN_H
3.0
-
5
V
LED_EN Low Voltage
VLED_EN_L
0-
0.5
V
Life Time
10,000
-
-
Hrs
6
2. This impedance value is needed to proper display and measured form
LVDS Tx to the mating connector.
3. The specified LED current and power consumption are under the Vled = 12.0V , 25℃, Dimming of Max
luminance whereas White pattern is displayed and fv is the frame frequency.
4. The operation of LED Driver below minimum dimming ratio may cause flikering or relaibility issue.
5. This Spec. is not effective at 100% dimming ratio as an exception because it has DC level equivalent
Ver. 1.0
27.May, 2009
6/ 30
to 0Hz. In spite of acceptable range as defined, the PWM Frequency should be fixed and stable for
more consistent brightness control at any specific level desired.
6. The life time is determined as the time at which brightness of LCD is 50% compare to that of initial value
at the typical LED current. These LED backlight has 6 strings on it and the typical current of LED’s string
is base on TBDmA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com