Electronic Components Datasheet Search
  English  ▼

X  

CS47L15 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 48Page - Cirrus Logic CS47L15 Datasheet HTML 49Page - Cirrus Logic CS47L15 Datasheet HTML 50Page - Cirrus Logic CS47L15 Datasheet HTML 51Page - Cirrus Logic CS47L15 Datasheet HTML 52Page - Cirrus Logic CS47L15 Datasheet HTML 53Page - Cirrus Logic CS47L15 Datasheet HTML 54Page - Cirrus Logic CS47L15 Datasheet HTML 55Page - Cirrus Logic CS47L15 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 279 page
background image
52
DS1137F2
CS47L15
4.3 Digital Core
The hexadecimal numbers in Fig. 4-19 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The sample rate for the DRC function is configured using FX_RATE; see Table 4-24. Note that the EQ, DRC, and LHPF
functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the DRC
signal paths to any signal chain that is configured for a different sample rate.
The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields
must be cleared before writing a new value to FX_RATE. A minimum delay of 125
s must be allowed between clearing
the x_SRCn fields and writing to FX_RATE. See Table 4-24 for details.
The DRC functions are enabled using the control registers described in Table 4-14.
The following description of the DRC is applicable to each of the DRCs. The associated control fields are described in
Table 4-16 and Table 4-17 for DRC1 and DRC2 respectively.
4.3.5.1 DRC Compression, Expansion, and Limiting
The DRC supports two different compression regions, separated by a knee at a specific input amplitude. In the region
above the knee, the compression slope DRCn_HI_COMP applies; in the region below the knee, the compression slope
DRCn_LO_COMP applies. Note that n identifies the applicable DRC 1 or 2.
The DRC also supports a noise-gate region, where low-level input signals are heavily attenuated. This function can be
enabled or disabled according to the application requirements. The DRC response in this region is defined by the
expansion slope DRCn_NG_EXP.
For additional attenuation of signals in the noise-gate region, an additional knee can be defined (shown as Knee 2 in
Fig. 4-20). When this knee is enabled, this introduces an infinitely steep drop-off in the DRC response pattern between the
DRCn_LO_COMP and DRCn_NG_EXP regions.
The overall DRC compression characteristic in steady state (i.e., where the input amplitude is near constant) is shown in
Fig. 4-20.
Table 4-14. DRC Enable
Register Address
Bit
Label
Default
Description
R3712 (0x0E80)
DRC1_ctrl1
1
DRC1L_ENA
0
DRC1 (left) enable
0 = Disabled
1 = Enabled
0
DRC1R_ENA
0
DRC1 (right) enable
0 = Disabled
1 = Enabled
R3720 (0x0E88)
DRC2_ctrl1
1
DRC2L_ENA
0
DRC2 (left) enable
0 = Disabled
1 = Enabled
0
DRC2R_ENA
0
DRC2 (right) enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com