Electronic Components Datasheet Search
  English  ▼

X  

CS47L15 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 30Page - Cirrus Logic CS47L15 Datasheet HTML 31Page - Cirrus Logic CS47L15 Datasheet HTML 32Page - Cirrus Logic CS47L15 Datasheet HTML 33Page - Cirrus Logic CS47L15 Datasheet HTML 34Page - Cirrus Logic CS47L15 Datasheet HTML 35Page - Cirrus Logic CS47L15 Datasheet HTML 36Page - Cirrus Logic CS47L15 Datasheet HTML 37Page - Cirrus Logic CS47L15 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 279 page
background image
34
DS1137F2
CS47L15
4.2 Input Signal Path
Note that the CS47L15 provides an integrated pull-down resistor on the DMICDAT pin. This provides a flexible capability
for interfacing with other devices.
Figure 4-11. DMIC Input
Two DMIC channels are interleaved on DMICDAT. The DMIC interface timing is shown in Fig. 4-12. Each microphone
must tristate its data output when the other microphone is transmitting. See Table 3-14 for a detailed timing specification
of the DMIC interface.
Figure 4-12. DMIC Interface Timing
4.2.4.2 IN2 Digital Input (SPKRXDAT)
The IN2 digital input path forms part of a bidirectional interface for external speaker drivers. If the IN2 path is configured
for digital input, two channels of audio data are multiplexed on the SPKRXDAT pin. A timing reference signal is provided
on the SPKCLK pin, which is common to the input (SPKRXDAT) and output (SPKTXDAT) paths of the digital speaker
(PDM) interface.
The SPKCLK frequency is controlled using the OUT5_OSR field, as described in Table 4-55. The input signal timing is
controlled by the IN2_OSR field—this field must be configured for the same frequency as the OUT5_OSR field.
Digital Mic
MICVDD or MICBIAS1x
AGND
Digital Mic
VDD
CLK DATA
VDD CLK DATA
CHAN
CHAN
VDD
DMICDAT
DMICCLK
Digital
Microphone
Interface
The DMIC inputs are referenced to
MICVDD or MICBIAS1.
The supply for each digital microphone
should provide the same voltage as the
applicable reference.
DMICCLK pin
DMICDAT pin
(Left and right channels interleaved)
1
2
1
2
1
2
Left mic output
1
1
1
Right mic output
2
2
2
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com