Electronic Components Datasheet Search
  English  ▼

X  

CS47L15 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 25Page - Cirrus Logic CS47L15 Datasheet HTML 26Page - Cirrus Logic CS47L15 Datasheet HTML 27Page - Cirrus Logic CS47L15 Datasheet HTML 28Page - Cirrus Logic CS47L15 Datasheet HTML 29Page - Cirrus Logic CS47L15 Datasheet HTML 30Page - Cirrus Logic CS47L15 Datasheet HTML 31Page - Cirrus Logic CS47L15 Datasheet HTML 32Page - Cirrus Logic CS47L15 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 279 page
background image
DS1137F2
29
CS47L15
4.2 Input Signal Path
The CS47L15 supports up to 15 GPIO pins, offering a range of input/output functions for interfacing, for detection of
external hardware, and for providing logic outputs to other devices. The GPIOs are multiplexed with other functions.
Comprehensive interrupt functionality is also provided for monitoring internal and external event conditions.
A signal generator for controlling haptics devices is included, compatible with both eccentric rotating mass (ERM) and
linear resonant actuator (LRA) haptics devices. The haptics signal generator is highly configurable and can execute
programmable drive event profiles, including reverse drive control. An external vibe actuator can be driven directly by the
Class D speaker output.
A smart accessory interface is included, supporting most standard 3.5-mm accessories. Jack detection, accessory
sensing, and impedance measurement is provided, for external accessory and push-button detection. Accessory detection
can be used as a wake-up trigger from low-power standby. Microphone activity detection with interrupt is also available.
System clocking can be derived from the MCLK1 or MCLK2 input pins. Alternatively, the audio interfaces (configured in
Slave Mode), can be used to provide a clock reference. The CS47L15 also provides two integrated FLL circuits for clock
frequency conversion and stability. The flexible clocking architecture supports low-power always-on operation, with
reference frequencies down to 32 kHz. Seamless switching between clock sources is supported; free-running FLL modes
are also available.
The CS47L15 can be powered from 1.8- and 1.2-V external supplies. Separate MICVDD input can be supported (up to
3.6 V), for microphone operation above 1.8 V. A separate supply (4.2 V) is typically required for the Class D speaker
driver.
4.2 Input Signal Path
The CS47L15 provides flexible input channels, supporting up to five analog inputs or up to four digital inputs. Selectable
combinations of analog (mic or line) and digital inputs are multiplexed into two stereo input signal paths.
The IN1 signal paths support high performance analog and digital input modes. The analog paths support single-ended
and differential input, programmable gain control, and are digitized using a high performance sigma-delta ADCs. The IN1
analog input paths can be configured for low-power operation, ideal for always-on applications. The digital paths connect
directly to external digital microphones; the two-wire digital interface incorporates a dedicated clock source and supports
stereo microphone operation.
The IN2 signal paths can be configured for analog or digital input modes. Mono analog (differential) input is supported; the
analog configuration is optimized for low power operation and is ideally suited as an input path for speaker-protection
applications. Stereo digital input can also be supported on the SPKRXDAT pin; the respective data input is synchronized
with the digital speaker (PDM) output interface—these signal paths provide a bidirectional interface to an external speaker
driver.
The microphone bias (MICBIAS) generator provides a low-noise reference for biasing electret condenser microphones
(ECMs) or for use as a low-noise supply for MEMS microphones and digital microphones. Switchable outputs from the
MICBIAS generator allows three separate reference/supply outputs to be independently controlled.
Digital volume control is available on all inputs (analog and digital), with programmable ramp control for smooth, glitch-free
operation. A configurable signal-detect function is available on each input signal path.
The IN1 and IN2 signal paths and control fields are shown in Fig. 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com