Electronic Components Datasheet Search
  English  ▼

X  

CS47L15 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 93Page - Cirrus Logic CS47L15 Datasheet HTML 94Page - Cirrus Logic CS47L15 Datasheet HTML 95Page - Cirrus Logic CS47L15 Datasheet HTML 96Page - Cirrus Logic CS47L15 Datasheet HTML 97Page - Cirrus Logic CS47L15 Datasheet HTML 98Page - Cirrus Logic CS47L15 Datasheet HTML 99Page - Cirrus Logic CS47L15 Datasheet HTML 100Page - Cirrus Logic CS47L15 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 279 page
background image
DS1137F2
97
CS47L15
4.5 DSP Peripheral Control
4.5.1.8 Event Logger Input Sources
A list of the valid input sources for the event loggers is provided in Table 4-35.
The EDGE type noted is coded as S (single edge) or D (dual edge). Note that a single-edge input source only provides
valid input to the event logger in the default (rising edge triggered) polarity.
Caution is advised when enabling IRQ1 or IRQ2 as an input source for the event loggers; a recursive loop, where the IRQn
signal is also an output from the same event logger, must be avoided.
Base address +0xB2
EVENTLOGn_FIFO12_TIME
31:0 EVENTLOGn_FIFO12_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 12 Time
Base address +0xB4
EVENTLOGn_FIFO13_
READ
12
EVENTLOGn_FIFO13_POL
0
Event Log FIFO Index 13 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO13_ID[8:0] 0x000 Event Log FIFO Index 13 source 1
Base address +0xB6
EVENTLOGn_FIFO13_TIME
31:0 EVENTLOGn_FIFO13_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 13 Time
Base address +0xB8
EVENTLOGn_FIFO14_
READ
12
EVENTLOGn_FIFO14_POL
0
Event Log FIFO Index 14 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO14_ID[8:0] 0x000 Event Log FIFO Index 14 source 1
Base address +0xBA
EVENTLOGn_FIFO14_TIME
31:0 EVENTLOGn_FIFO14_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 14 Time
Base address +0xBC
EVENTLOGn_FIFO15_
READ
12
EVENTLOGn_FIFO15_POL
0
Event Log FIFO Index 15 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO15_ID[8:0] 0x000 Event Log FIFO Index 15 source 1
Base address +0xBE
EVENTLOGn_FIFO15_TIME
31:0 EVENTLOGn_FIFO15_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 15 Time
1.See Table 4-35 for valid channel source selections
Table 4-35. Event Logger Input Sources
ID
Description
Edge
ID
Description
Edge
ID
Description
Edge
3
irq1
D
165
dsp_irq6
S
261
gpio6
D
4
irq2
D
166
dsp_irq7
S
262
gpio7
D
9
sysclk_fail
S
167
dsp_irq8
S
263
gpio8
D
24
fll1_lock
D
168
dsp_irq9
S
264
gpio9
D
27
fll_ao_lock
D
169
dsp_irq10
S
265
gpio10
D
32
frame_start_g1r1
S
170
dsp_irq11
S
266
gpio11
D
33
frame_start_g1r2
S
171
dsp_irq12
S
267
gpio12
D
34
frame_start_g1r3
S
172
dsp_irq13
S
268
gpio13
D
80
hpdet
S
173
dsp_irq14
S
269
gpio14
D
88
micdet1
S
174
dsp_irq15
S
270
gpio15
D
89
micdet2
S
175
dsp_irq16
S
320
Timer1
S
96
jd1_rise
S
176
hp1l_sc
S
321
Timer2
S
97
jd1_fall
S
177
hp1r_sc
S
336
event1_not_empty
S
98
jd2_rise
S
178
hp2l_sc
S
337
event2_not_empty
S
99
jd2_fall
S
179
hp2r_sc
S
352
event1_full
S
100
micd_clamp_rise
S
182
spkoutl_short
D
353
event2_full
S
101
micd_clamp_fall
S
224
spk_shutdown
D
368
event1_wmark
S
128
drc1_sig_det
D
225
spk_overheat
S
369
event2_wmark
S
129
drc2_sig_det
D
226
spk_overheat_warn
S
384
dsp1_dma
S
160
dsp_irq1
S
256
gpio1
D
416
dsp1_start1
S
161
dsp_irq2
S
257
gpio2
D
432
dsp1_start2
S
162
dsp_irq3
S
258
gpio3
D
448
dsp1_start
S
163
dsp_irq4
S
259
gpio4
D
464
dsp1_busy
D
164
dsp_irq5
S
260
gpio5
D
Table 4-34. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com