Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 28Page - Texas Instruments TPS746 Datasheet HTML 29Page - Texas Instruments TPS746 Datasheet HTML 30Page - Texas Instruments TPS746 Datasheet HTML 31Page - Texas Instruments TPS746 Datasheet HTML 32Page - Texas Instruments TPS746 Datasheet HTML 33Page - Texas Instruments TPS746 Datasheet HTML 34Page - Texas Instruments TPS746 Datasheet HTML 35Page - Texas Instruments TPS746 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
6X
0.35
0.25
1.6 0.1
6X
0.35
0.25
2X
1.3
0.9 0.1
4X 0.65
0.8 MAX
0.05
0.00
0.1 MIN
B
2.1
1.9
A
2.1
1.9
(0.2) TYP
(0.05)
WSON - 0.8 mm max height
DRV0006C
PLASTIC SMALL OUTLINE - NO LEAD
4223939/A 09/2017
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
7
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 5.500
A-A 40.000
SECTION A-A
TYPICAL
32
TPS746-Q1
SBVS358A – JUNE 2018 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TPS746-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com