Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 35Page - Texas Instruments TPS746 Datasheet HTML 36Page - Texas Instruments TPS746 Datasheet HTML 37Page - Texas Instruments TPS746 Datasheet HTML 38Page - Texas Instruments TPS746 Datasheet HTML 39Page - Texas Instruments TPS746 Datasheet HTML 40Page - Texas Instruments TPS746 Datasheet HTML 41Page - Texas Instruments TPS746 Datasheet HTML 42Page - Texas Instruments TPS746 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Aug-2020
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS74618PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74618PQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
1SK6
TPS74625PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74625PQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
1SL6
TPS74628PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74628PQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
1SM6
TPS74629PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74629PQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
1SN6
TPS74630PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74633PCQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
-40 to 125
1P16
TPS74633PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
TPS74633PQWDRVRQ1
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
1OX6
TPS74650PQWDRBRQ1
PREVIEW
SON
DRB
8
3000
TBD
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com