Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 3 Page - Texas Instruments

  TPS746 Datasheet HTML 1Page - Texas Instruments TPS746 Datasheet HTML 2Page - Texas Instruments TPS746 Datasheet HTML 3Page - Texas Instruments TPS746 Datasheet HTML 4Page - Texas Instruments TPS746 Datasheet HTML 5Page - Texas Instruments TPS746 Datasheet HTML 6Page - Texas Instruments TPS746 Datasheet HTML 7Page - Texas Instruments TPS746 Datasheet HTML 8Page - Texas Instruments TPS746 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
OUT
8
IN
2
NC
7
NC
3
NC
6
PG
4
GND
5
EN
Not to scale
Thermal
Pad
1
OUT
6
IN
2
NC
5
PG
3
GND
4
EN
Not to scale
Thermal
Pad
1
OUT
8
IN
2
NC
7
NC
3
FB
6
PG
4
GND
5
EN
Not to scale
Thermal
Pad
1
OUT
6
IN
2
FB
5
PG
3
GND
4
EN
Not to scale
Thermal
Pad
3
TPS746-Q1
www.ti.com
SBVS358A – JUNE 2018 – REVISED OCTOBER 2019
Product Folder Links: TPS746-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin Adjustable WSON
Top View
DRV Package
6-Pin Fixed WSON
Top View
DRB Package (Preview)
8-Pin Adjustable WSON
Top View
DRB Package (Preview)
8-Pin Fixed WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV
(Fixed)
DRV
(Adjust)
DRB
(Fixed)
DRB
(Adjust)
EN
4
4
5
5
Input
Enable pin. Drive EN greater than VEN(HI) to turn on the
regulator. Drive EN less than VEN(LO) to put the low-dropout
regulator (LDO) into shutdown mode.
FB
—
2
—
3
—
This pin is used as an input to the control loop error amplifier
and is used to set the output voltage of the LDO.
GND
3
3
4
4
—
Ground pin.
IN
6
6
8
8
Input
Input pin. For best transient response and to minimize input
impedance, use the recommended value or larger ceramic
capacitor from IN to ground as listed in the Recommended
Operating Conditions table and the Input and Output Capacitor
Selection section. Place the input capacitor as close to the
output of the device as possible.
NC
2
—
2, 3, 7
2, 7
—
No internal connection. Ground this pin for better thermal
performance.
OUT
1
1
1
1
Output
Regulated output voltage pin. A capacitor is required from OUT
to ground for stability. For best transient response, use the
nominal recommended value or larger ceramic capacitor from
OUT to ground; see the Recommended Operating Conditions
table and the Input and Output Capacitor Selection section.
Place the output capacitor as close to the output of the device as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com