Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 17
(This specification is subject to change without prior notice)
6.1.7 Bank 0 R6, Port 6 (Port 6 I/O Data Register)
(Address: 06h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R67
R66
R65
R64
R63
R62
R61
R60
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0: 8-bit I/O registers of Port 6
User can use the IOC60 register to define each bit either as input or output.
6.1.8 Bank 0 R7, Port 7 (Port 7 I/O Data Register)
(Address: 07h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R77
R76
R75
R74
R73
R72
R71
R70
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0: 8-bit I/O registers of Port 7
User can use the IOC70 register to define each bit either as input or output.
6.1.9 Bank 0 R8, Port 8 (Port 8 I/O Data Register)
(Address: 08h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R87
R86
R85
R84
R83
R82
R81
R80
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0: 8-bit I/O registers of Port 8
User can use the IOC80 register to define each bit either as input or output.
6.1.10 Bank 0 R9, LCDCR (LCD Control Register)
(Address: 09h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BS
DS1
DS0
LCDEN
-
LCDTYPE
LCDF1
LCDF0
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Bit 7 (BS): LCD bias select bit
BS = "0": 1/2 bias
BS = "1": 1/3 bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com