Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 89 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 89 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 93Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 83
(This specification is subject to change without prior notice)
B
Package Type
Name
Package Type
Pin Count
Package Size
EM78P516NH
Dice
59
−
EM78P516NQ64
QFP
64
14 mm
× 20 mm
EM78P516NL64
LQFP
64
7 mm
× 7 mm
EM78P516NL44
LQFP
44
10 mm
× 10 mm
EM78P516NQ44
QFP
44
10 mm
× 10 mm
EM78P516NQ64B
QFP
64
14 mm
× 14 mm
EM78P516NL48
LQFP
48
7 mm
× 7 mm
Note: These are Green products that do not contain hazardous substances.
These are compatible with the third edition of Sony SS-00259 standard.
The Pb content should be less than 100ppm, and should meet Sony specifications or
requirements.
Part No.
EM78P516NxS/xJ
Electroplate type
Pure Tin
Ingredient (%)
Sn:100%
Melting point (
°C)
232
°C
Electrical resistivity (
µΩ-cm)
11.4
Hardness (hv)
8~10
Elongation (%)
>50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com