Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 1
(This specification is subject to change without prior notice)
1
General Description
The EM78P516N is an 8-bit microprocessor designed and developed with low-power and high-speed
CMOS technology. Integrated onto a single chip are on-chip Watchdog Timer (WDT), Data RAM, ROM,
Programmable Real Time Clock Counter, Internal/External Interrupt, Power-down mode, LCD driver,
Infrared Transmitter function, and tri-state I/O. The series has an on-chip 6K
×13-bit Electrical One Time
Programmable Read Only Memory (OTP-ROM). The EM78P516N provides multi-protection bits to prevent
intrusion of user’s OTP memory code. Seven Code option bits are available to meet user’s requirements.
Special 13 bits customer ID options are provided as well.
With its enhanced OTP-ROM feature, the EM78P516N provides a convenient way of developing and
verifying user’s programs. Moreover, this OTP device offers the advantages of easy and effective program
updates, using development and programming tools. Users can avail of the ELAN Writer to easily program
their development code.
2
Features
CPU Configuration
• 6K×13 bits on-chip OTP-ROM
• 144 bytes general purpose register
• 128 bytes on-chip data RAM
• 272 bytes SRAM
144 bytes general purpose register
128 bytes on-chip data RAM
• 8-level stacks for subroutine nesting
• Power-on voltage detector provided (1.7±0.1V) for
EM78P
516N
I/O Port Configuration
• Typically, 12 bidirectional tri-state I/O ports.
• 16 bidirectional tri-state I/O ports shared with LCD
segment output pin.
• Up to 28 bidirectional tri-state I/O ports
• Four programmable high-sink/drive I/O ports: P5,
P6, P7, P8
Operating Voltage and Temperature Range:
EM78P
516N
• Commercial: 2.1V ~ 5.5V. (at 0°C ~+70°C)
• Industrial: 2.3V ~ 5.5V. (at -40°C ~+85°C)
Operating Mode:
• Normal mode: The CPU is operated on main
oscillator frequency (Fm)
• Green mode: The CPU is operated on
sub-oscillator frequency (Fs) and main oscillator
(Fm) is stopped
• Idle mode: CPU idle, LCD display remains working
• Sleep mode: The whole chip stops working
♦ Input port wake-up function (Port 6, Port 8).
Works on Idle and Sleep mode.
♦ Operation speed: DC ~ 10 MHz clock input
♦ Dual clock operation
Oscillation Mode
• High frequency oscillator can select among
Crystal, RC, or PLL (phase lock loop)
• Low frequency oscillator can select between
Crystal or RC mode
Peripheral Configuration
• 8-bit real Time Clock/Counter (TCC)
• One infrared transmitter/PWM generator function
• Four sets of 8 bits auto reload down-counting timer can
be used as interrupt sources
♦ Counter 1: independent down-counting timer
♦ Counter 2, High Pulse Width Timer (HPWT), and Low
Pulse Width Timer (LPWT) shared
with IR function.
♦ Programmable free running on-chip Watchdog Timer
(WDT). This function can operate in Normal, Green
and Idle mode.
♦ 15-channels Analog-to-Digital Converter with 12bit
resolution +1 internal reference for Vref and 1/2Vdd
(power detector)
Eight Interrupt Sources: Three External and Five Internal
• Internal interrupt source: TCC; Counters 1 and 2
High/Low pulse width timer
• External interrupt source : INT0, INT1 and Pin change
wake-up (Port 6 and Port 8)
LCD Circuit
• Common driver pins: 4
• Segment driver pins: 32
• LCD Bias: 1/3, 1/2 bias
• LCD Duty: 1/4, 1/3, 1/2 duty
Package Type:
• Dice form: 59 pins
• QFP-64 pin: EM78P516NQ64
(Body 14mm
×20mm)
• LQFP-64 pin: EM78P516NL64
(Body 7mm
×7mm)
• LQFP-44 pin: EM78P516NL44
(Body 10mm
×10mm)
• QFP-44 pin: EM78P516NQ44
(Body 10mm
×10mm)
• QFP-64 pin: EM78P516NQ64B
(Body 14mm
×14mm)
• LQFP-48 pin: EM78P516NL48
(Body 7mm
×7mm)
Note: These are Green products which do not contain
hazardous substances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com