Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 97 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 97 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 95Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 96Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 97Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 98Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 91
(This specification is subject to change without prior notice)
E
Quality Assurance and Reliability
Test Category
Test Conditions
Remarks
Solderability
Solder temperature=245
±5°C, for 5 seconds up to the
stopper using a rosin-type flux
–
Pre-condition
Step 1: TCT, 65°C (15 min)~150°C (15mins), 10
cycles
For SMD IC (such as
SOP, QFP, SOJ, etc)
Step 2: Bake at 125°C, TD (endurance)=24 hrs
Step 3: Soak at 30°C/60% ,TD (endurance)=192 hrs
Step 4: IR flow 3 cycles
(Pkg thickness
≥ 2.5 mm or
Pkg volume
≥ 350 mm
3
----225
± 5°C)
(Pkg thickness
≤ 2.5 mm or
Pkg volume
≤ 350 mm
3
----240
± 5°C)
Temperature cycle test
-65°C (15mins)~150°C (15 min ), 200 cycles
–
Pressure cooker test
TA =121°C, RH=100%, pressure=2 atm,
TD (endurance)= 96 hrs
–
High temperature /
High humidity test
TA=85°C, RH=85% ,TD (endurance) = 168, 500 hrs
–
High-temperature
storage life
TA=150°C, TD (endurance) = 500, 1000 hrs
–
High-temperature
operating life
TA=125°C, VCC = Max. operating voltage,
TD (endurance) = 168, 500, 1000 hrs
–
Latch-up
TA=25°C, VCC = Max. operating voltage, 150mA/ 20V
–
ESD (HBM)
TA=25°C,
≥ ± 3KV
∣
∣
IP_ND,OP_ND,IO_ND
IP_NS,OP_NS,IO_NS
IP_PD,OP_PD,IO_PD,
IP_PS,OP_PS,IO_PS,
VDD-VSS(+),VDD_VSS
(-) mode
ESD (MM)
TA=25°C,
≥ ± 300V
∣
∣
E.1 Address Trap Detect
An address trap detect is one of the MCU embedded fail-safe functions that detects
MCU malfunction caused by noise or the like. Whenever the MCU attempts to fetch an
instruction from a certain section of ROM, an internal recovery circuit is auto started. If
a noise-caused address error is detected, the MCU will repeat execution of the
program until the noise is eliminated. The MCU will then continue to execute the next
program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com