Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 73 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 73 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 77Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 67
(This specification is subject to change without prior notice)
6.11.1.2 Bank 1 R9, ADSR2 (ADC Input Select Register 2)
(Address: 09h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
ADE14
ADE13
ADE12
ADE11
ADE10
ADE9
ADE8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7: Not used, set to “0” all the time.
Bit 6 (ADE14): AD converter enable bit of P84 pin
0 = Disable AD14, SEG28/P84 functions pin
1 = Enable AD14 to function as analog input pin
Bit 5 (ADE13): AD converter enable bit of P85 pin
0 = Disable AD13, SEG29/P85 functions pin
1 = Enable AD13 to function as analog input pin
Bit 4 (ADE12): AD converter enable bit of P86 pin
0 = Disable AD12, SEG30/P86 functions pin
1 = Enable AD12 to function as analog input pin
Bit 3 (ADE11): AD converter enable bit of P87 pin
0 = Disable AD11, SEG31/P87 functions pin
1 = Enable AD11 to function as analog input pin
Bit 2 (ADE10): AD converter enable bit of P67 pin
0 = Disable AD10, P67 functions as I/O pin
1 = Enable AD10 to function as analog input pin
Bit 1 (ADE9): AD converter enable bit of P66 pin
0 = Disable AD9, P66 functions as I/O pin
1 = Enable AD9 to function as analog input pin
Bit 0 (ADE8): AD converter enable bit of P65 pin
0 = Disable AD8, P65 functions as I/O pin
1 = Enable AD8 to function as analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com