Electronic Components Datasheet Search
  English  ▼

X  

EM78P516NH Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
EM78P516N
8-Bit Microcontroller
26
••••
Product Specification (V1.0) 04.09.2015
(This specification is subject to change without prior notice)
6.1.20
Bank 1 R8, ADSR1 (ADC Input Select Register 1)
(Address: 08h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADE7
ADE6
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 (ADE7): AD converter enable bit of P64 pin
0 : Disable AD7, P64 functions as I/O pin
1 : Enable AD7 to function as analog input pin
Bit 6 (ADE6): AD converter enable bit of P63 pin
0 : Disable AD6, P63 functions as I/O pin
1 : Enable AD6 to function as analog input pin
Bit 5 (ADE5): AD converter enable bit of P62 pin
0 : Disable AD5, P62 functions as I/O pin
1 : Enable AD5 to function as analog input pin
Bit 4 (ADE4): AD converter enable bit of P61 pin
0 : Disable AD4, P61 functions as I/O pin
1 : Enable AD4 to function as analog input pin
Bit 3 (ADE3): AD converter enable bit of P60 pin
0 : Disable AD3, P60 functions as I/O pin
1 : Enable AD3 to function as analog input pin
Bit 2 (ADE2): AD converter enable bit of P57 pin
0 : Disable AD2, P57/IROUT functions pin
1 : Enable AD2 to function as analog input pin
Bit 1 (ADE1): AD converter enable bit of P55 pin
0 : Disable AD1, P55/INT1 functions pin
1 : Enable AD1 to function as analog input pin
Bit 0 (ADE0): AD converter enable bit of P54 pin
0 : Disable AD0, P54/INT0 functions pin
1 : Enable AD0 to function as analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com