Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA848 Datasheet HTML 2Page - Texas Instruments INA848 Datasheet HTML 3Page - Texas Instruments INA848 Datasheet HTML 4Page - Texas Instruments INA848 Datasheet HTML 5Page - Texas Instruments INA848 Datasheet HTML 6Page - Texas Instruments INA848 Datasheet HTML 7Page - Texas Instruments INA848 Datasheet HTML 8Page - Texas Instruments INA848 Datasheet HTML 9Page - Texas Instruments INA848 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, G = 2000 (fixed) and VREF = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total harmonic distortion
and noise
f = 20 kHz, VO = 10 Vpp
–109
dBc
HD2
Second-order harmonic
distortion
f = 20 kHz, VO = 10 Vpp
–112
dBc
HD3
Third-order harmonic
distortion
f = 20 kHz, VO = 10 Vpp
–119
dBc
THD+N
Total harmonic distortion
and noise
RL = 1 MΩ, f = 20 kHz, VO = 10 Vpp
–111
dBc
HD2
Second-order harmonic
distortion
RL = 1 MΩ, f = 20 kHz, VO = 10 Vpp
–117
dBc
HD3
Third-order harmonic
distortion
RL = 1 MΩ, f = 20 kHz, VO = 10 Vpp
–118
dBc
OUTPUT
Output voltage swing
(–VS) +
0.15
(+VS) – 0.15
V
CL
Load capacitance
In stable condition
1000
pF
ISC
Short-circuit current
Continuous to VS / 2
±30
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
2.8
MHz
SR
Slew rate
VSTEP = 10 V
35(1)
45
V/µs
tS
Settling time
0.01%, VSTEP = 10 V
0.5
µs
0.001%, VSTEP = 10 V
0.9
REFERENCE INPUT
RIN
Input impedance
132
kΩ
IIN
Input current
6.5
µA
Reference input voltage
–VS
+VS
V
Gain to output
1
V/V
Reference gain error
0.01
%
FILTER INPUTS
RFIL
Input impedance, filter
terminal
6
kΩ
Voltage range, filter
terminal
–VS
+VS
V
POWER SUPPLY
IQ
Quiescent current
VIN = 0 V
6.2
6.6
mA
TA = –40°C to +85°C
7.9
TA = –40°C to +125°C
8.8
(1)
Specified by characterization.
(2)
Specified by design.
(3)
The input voltage range depends on the common-mode voltage, differential voltage, gain, and reference voltage.
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com