Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA848 Datasheet HTML 11Page - Texas Instruments INA848 Datasheet HTML 12Page - Texas Instruments INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
8.3.2 Input Common-Mode Range
The typical three-op-amp topology gains up the input differential signal in the front stage and rejects the
common-mode signals in the back end at the difference amplifier stage. The difficulty in particular is to excel
driving high gains, and thus tiny input signals, and still be able to reject high common-mode signals. A low-noise
instrumentation amplifier such as the INA848 is designed for such requirementsh, with the ability to measure the
smallest input signals surrounded by noisy or large common-mode voltages.
The methodology here is achieved by splitting up the gain stages. The front end preamplifies the input signal at
a gain of 200, and the difference amplifier further amplifiers at a gain of 10. The resulting advantage is that the
common-mode range versus the differential signal is improved compared to single gain stage approach, as
shown in Figure 8-2.
VS = ± 5 V, ± 12 V, ± 18 V, VREF = 0 V
Figure 8-2. Input Common-Mode Voltage vs Output Voltage
The INA848 gives the super-beta input stage features very low input bias current as compared to standard
bipolar technology. The low input bias current and current noise make the INA848 an excellent choice for high-
performance applications. See Figure 7-10 through Figure 7-12 for reference.
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com