Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA848 Datasheet HTML 10Page - Texas Instruments INA848 Datasheet HTML 11Page - Texas Instruments INA848 Datasheet HTML 12Page - Texas Instruments INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
8.3 Feature Description
8.3.1 Topology
The INA848 is designed with TI's modern bipolar process that features super-beta input transistors.
Traditional bipolar transistors feature excellent voltage noise and offset drift, but suffer a tradeoff in high input
bias current and high input bias current noise.
TI`s super-beta transistors offer the benefits of low voltage noise, low offset voltage drift with an additional
improvement in reduction of the input bias current noise.
As shown in Figure 8-1, the INA848 is designed with a current feedback input stage that is optimized for high
bandwidth in high gains. The device consists of three operational amplifiers configured at the front with a gain
stage that integrates the gain resistor. This input stage preamplifies the differential input signal at a gain of 200.
The output stage with the difference amplifier provides additional amplification of a gain of 10.
+
±
+
±
+
±
6 k
3 k
120 k
6 k
120 k
3 k
REF
+VS
OUT
í VS
í IN
+IN
O
IN
IN
REF
V
2000 V
V
V
u
:
:
:
:
1
2
2
3 k
G
1
200
30.15
120 k
G
10
12 k
6 k
6 k
+FL
í FL
30.15
Figure 8-1. Simplified Diagram of the INA848 With Gain and Output Equations
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com