Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments INA848 Datasheet HTML 21Page - Texas Instruments INA848 Datasheet HTML 22Page - Texas Instruments INA848 Datasheet HTML 23Page - Texas Instruments INA848 Datasheet HTML 24Page - Texas Instruments INA848 Datasheet HTML 25Page - Texas Instruments INA848 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
9.2.2.2.1 Reference Voltage Noise Contribution
Figure 9-7 shows the noise model of the reference buffer circuit given by Figure 9-5 using the OPA197 amplifier.
To compute the total noise for the reference buffer circuit, consider the thermal noise of the divider (that is a
parallel network from noise perspective), the amplifier voltage noise (that is, enOPA = 5.5 nV/√Hz), and the
voltage noise developed from the current noise of the amplifier (that is, inOPA = 1.5 fA/√Hz) through the divider.
OPA197
50 k
enR
enOPA
inOPA
Figure 9-7. Reference Voltage Noise Model
Thus the total reference noise can be derived from following equation:
en(REF)=
§e
nOPA
2+(¾R Â
Q9 ¾
Hz)
2
+(i
nOPA
Â
R)
2
(6)
The reference noise is divided by the first gain stage of 200 at the INA848 to compute the input-referred noise.
For reference noise less than 80 nV/√Hz, this contribution can be neglected in the analysis. The given example
results in a total reference noise of 29 nV/√Hz, and thus is neglected.
9.2.3 Application Curves
From Figure 9-6, the source resistance is shown to be one main contributor. Figure 9-8 plots all the individual
noise contributors depending on the source resistance. The reference voltage noise is neglegible.
Figure 9-8. Noise Density vs Source Resistance
If the source resistance is below 20 Ω, the voltage noise of the INA (typically 1.3 nV/√Hz) is dominating. If the
source resistance is increasing (> 20 Ω) the thermal noise of the source resistance is dominating. At this point
the low-noise advantage of the INA848 does not provide additional value. In applications with even higher
source resistance (> 1 kΩ), the current noise of the INA starts to dominate, and thus, should be optimized.
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com