Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA848
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments INA848 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Filter Pin
The INA848 allows access between the two amplification stages. In applications surrounded from high input
noise, adding filter stages can be of high benefit. Figure 9-1 and Figure 9-2 show two different filter scenarios
that help filter out undesired differential signals.
9.1.1.1 RC Filter Network
In environments where known high-frequency noise must be eliminated, use a low-pass filter containing a
capacitor, and optionally, a resistor.
G = 200
6 k
120 k
6 k
6 k
120 k
6 k
C
FL
V
DIFF
+FL
FL
+
–
+IN
IN
R
L
Low-Pass Filter
OUT
REF
INA848
Figure 9-1. Low-pass Filter
The ‒3-dB cross frequency is determined given following equation:
f
FL1
=
1
ŒÂ6k ÂCFL
(2)
Where 6 kΩ represents the internal resistor network. Use the Analog Engineer's Calculator for fast and easy
bode plot visualization.
9.1.1.2 RLC Filter Network
In environments where a known, narrow-frequency band must be attenuated, a series LC filter network can be
added between the filter pins, as shown in Figure 9-2. The connection adds to the internal resistor network, and
results in a RLC filter network that is also commonly known as bandstop filter.
G = 200
6 k
120 k
6 k
6 k
120 k
6 k
C
FL
V
DIFF
+FL
FL
+
–
+IN
IN
R
L
Band-Stop Filter
OUT
REF
L
FL
INA848
Figure 9-2. Bandstop Filter
Use Equation 3 to calculate the middle frequency of the filter:
fFL2=
1
ŒÂ¥(CFL ® LFL)
(3)
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com