Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA85262 Datasheet HTML 1Page - NXP Semiconductors PCA85262 Datasheet HTML 2Page - NXP Semiconductors PCA85262 Datasheet HTML 3Page - NXP Semiconductors PCA85262 Datasheet HTML 4Page - NXP Semiconductors PCA85262 Datasheet HTML 5Page - NXP Semiconductors PCA85262 Datasheet HTML 6Page - NXP Semiconductors PCA85262 Datasheet HTML 7Page - NXP Semiconductors PCA85262 Datasheet HTML 8Page - NXP Semiconductors PCA85262 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
PCA85262
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
2 of 55
NXP Semiconductors
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA85262ATT/A PCA85262TT TSSOP48
plastic thin shrink small outline package; 48 leads; body
width 6.1 mm
SOT362-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
PCA85262ATT/A PCA85262ATT/AJ
TSSOP48
REEL 13" Q1 NDP
2000
Tamb = 40 C to +105 C
Fig 1.
Block diagram of PCA85262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com