Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA85262 Datasheet HTML 1Page - NXP Semiconductors PCA85262 Datasheet HTML 2Page - NXP Semiconductors PCA85262 Datasheet HTML 3Page - NXP Semiconductors PCA85262 Datasheet HTML 4Page - NXP Semiconductors PCA85262 Datasheet HTML 5Page - NXP Semiconductors PCA85262 Datasheet HTML 6Page - NXP Semiconductors PCA85262 Datasheet HTML 7Page - NXP Semiconductors PCA85262 Datasheet HTML 8Page - NXP Semiconductors PCA85262 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1.
General description
The PCA85262 is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 32 segments. It can be easily
cascaded for larger LCD applications. The PCA85262 is compatible with most
microcontrollers and communicates via the two-line bidirectional I2C-bus. Communication
overheads are minimized by a display RAM with auto-incremented addressing, by
hardware subaddressing, and by display memory switching (static and duplex drive
modes).
For a selection of NXP LCD segment drivers, see Table 23 on page 46
2.
Features and benefits
AEC-Q100 grade 2 compliant for automotive applications
Single chip LCD controller and driver
Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
Selectable display bias configuration: static, 1⁄2, or 1⁄3
Internal LCD bias generation with voltage-follower buffers
32 segment drives:
Up to 16 7-segment numeric characters
Up to 8 14-segment alphanumeric characters
Any graphics of up to 128 segments/elements
32
 4-bit RAM for display data storage
Display memory bank switching in static and duplex drive modes
Versatile blinking modes
Independent supplies possible for LCD and logic voltages
Wide power supply range: from 1.8 V to 5.5 V
Wide logic LCD supply range:
From 2.5 V for low-threshold LCDs
Up to 8.0 V for guest-host LCDs and high-threshold twisted nematic LCDs
Low power consumption
Extended temperature range up to 105
C
400 kHz I2C-bus interface
No external components required
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3 — 12 November 2018
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21.


Similar Part No. - PCA85262

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8521 PHILIPS-PCA8521 Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
PCA8521BP PHILIPS-PCA8521BP Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
PCA8521BT PHILIPS-PCA8521BT Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
PCA8521FP PHILIPS-PCA8521FP Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
PCA8521FT PHILIPS-PCA8521FT Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
More results

Similar Description - PCA85262

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
LCD driver for low multiplex rates
1998 Jun 18
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85233 NXP-PCA85233 Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85162 NXP-PCA85162_V01 Datasheet
651Kb / 51P
32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com