Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA85262 Datasheet HTML 32Page - NXP Semiconductors PCA85262 Datasheet HTML 33Page - NXP Semiconductors PCA85262 Datasheet HTML 34Page - NXP Semiconductors PCA85262 Datasheet HTML 35Page - NXP Semiconductors PCA85262 Datasheet HTML 36Page - NXP Semiconductors PCA85262 Datasheet HTML 37Page - NXP Semiconductors PCA85262 Datasheet HTML 38Page - NXP Semiconductors PCA85262 Datasheet HTML 39Page - NXP Semiconductors PCA85262 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
PCA85262
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
36 of 55
NXP Semiconductors
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
13. Application information
13.1 Cascaded operation
Large display configurations of up to 8 PCA85262 can be recognized on the same I2C-bus
by using the 2-bit hardware subaddress (A0 and A1) and the programmable I2C-bus slave
address (SA0).
When cascaded PCA85262 are synchronized, they can share the backplane signals from
one of the devices in the cascade. Such an arrangement is cost-effective in large LCD
applications since the backplane outputs of only one device need to be through-plated to
the backplane electrodes of the display. The other PCA85262 of the cascade contribute
additional segment outputs. The backplanes can either be connected together to enhance
the drive capability or some can be left open-circuit (such as the ones from the slave in
Figure 26) or just some of the master and some of the slave can be taken to facilitate the
layout of the display.
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCA85262. Synchronization is guaranteed after a power-on and initialization. The only
time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by
noise in adverse electrical environments or by defining a multiplex drive mode when
PCA85262 with different SA0 levels are cascaded).
Table 20.
Addressing cascaded PCA85262
Cluster
Bit SA0
Pin A1
Pin A0
Device
10
000
011
102
113
21
004
015
106
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com