Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA85262 Datasheet HTML 5Page - NXP Semiconductors PCA85262 Datasheet HTML 6Page - NXP Semiconductors PCA85262 Datasheet HTML 7Page - NXP Semiconductors PCA85262 Datasheet HTML 8Page - NXP Semiconductors PCA85262 Datasheet HTML 9Page - NXP Semiconductors PCA85262 Datasheet HTML 10Page - NXP Semiconductors PCA85262 Datasheet HTML 11Page - NXP Semiconductors PCA85262 Datasheet HTML 12Page - NXP Semiconductors PCA85262 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
PCA85262
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
9 of 55
NXP Semiconductors
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
6.3 Display RAM
The display RAM is a static 32
 4-bit RAM which stores LCD data.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD segments/elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
A logic 1 in the RAM bitmap indicates the on-state of the corresponding LCD element;
similarly, a logic 0 indicates the off-state.
The display RAM bitmap, Figure 3, shows the rows 0 to 3 which correspond with the
backplane outputs BP0 to BP3, and the columns 0 to 31 which correspond with the
segment outputs S0 to S31. In multiplexed LCD applications the segment data of the first,
second, third, and fourth row of the display RAM are time-multiplexed with BP0, BP1,
BP2, and BP3 respectively.
When display data is transmitted to the PCA85262, the display bytes received are stored
in the display RAM in accordance with the selected LCD drive mode. The data is stored as
it arrives and depending on the current multiplex drive mode the bits are stored singularly,
in pairs, triples or quadruples. To illustrate the filling order, an example of a 7-segment
numeric display showing all drive modes is given in Figure 4; the RAM filling organization
depicted applies equally to other LCD types.
• In static drive mode the eight transmitted data bits are placed into row 0 as one byte
• In 1:2 multiplex drive mode the eight transmitted data bits are placed in pairs into
row 0 and 1 as four successive 2-bit RAM words
• In 1:3 multiplex drive mode the eight bits are placed in triples into row 0, 1, and 2 as
three successive 3-bit RAM words, with bit 3 of the third address left unchanged. It is
not recommended to use this bit in a display because of the difficult addressing. This
last bit may, if necessary, be controlled by an additional transfer to this address, but
care should be taken to avoid overwriting adjacent data because always full bytes are
transmitted (see Section 6.3.4)
• In 1:4 multiplex drive mode, the eight transmitted data bits are placed in quadruples
into row 0, 1, 2, and 3 as two successive 4-bit RAM words
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs; and between the bits in a RAM row and the backplane outputs.
Fig 3.
Display RAM bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com