Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA85262 Datasheet HTML 28Page - NXP Semiconductors PCA85262 Datasheet HTML 29Page - NXP Semiconductors PCA85262 Datasheet HTML 30Page - NXP Semiconductors PCA85262 Datasheet HTML 31Page - NXP Semiconductors PCA85262 Datasheet HTML 32Page - NXP Semiconductors PCA85262 Datasheet HTML 33Page - NXP Semiconductors PCA85262 Datasheet HTML 34Page - NXP Semiconductors PCA85262 Datasheet HTML 35Page - NXP Semiconductors PCA85262 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
PCA85262
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
32 of 55
NXP Semiconductors
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
11. Static characteristics
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[2]
For typical values, see Figure 23.
[3]
The I2C-bus interface of PCA85262 is 5 V tolerant.
[4]
When tested, I2C pins SCL and SDA have no diode to VDD and may be driven to the VI limiting values given in Table 17 (see Figure 22
as well).
[5]
Propagation delay of driver between clock (CLK) and LCD driving signals.
[6]
Periodically sampled, not 100 % tested.
[7]
Outputs measured one at a time.
Table 18.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
VLCD  6.5 V
1.8
-
5.5
V
VLCD > 6.5 V
2.5
-
5.5
V
VLCD
LCD supply voltage
VDD < 2.5 V
2.5
-
6.5
V
VDD  2.5 V
2.5
-
8.0
V
IDD
supply current
fclk(ext) = 1536 Hz
[1][2] -3.5
7
A
VDD = 3.0 V; Tamb =25 C-
2.7
-
A
IDD(LCD)
LCD supply current
fclk(ext) = 1536 Hz
[1] -23
32
A
VLCD =3.0 V;
Tamb =25 C
-13
-
A
Logic[3]
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC,
A0, A1, T1, SA0, SCL, SDA
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC,
A0, A1, T1, SA0, SCL, SDA
[4][5] 0.7VDD
-VDD
V
IOL
LOW-level output current
output sink current;
VOL = 0.4 V; VDD =5V
on pins CLK and SYNC
1-
-
mA
on pin SDA
3
-
-
mA
IOH(CLK)
HIGH-level output current
on pin CLK
output source current;
VOH =4.6 V; VDD =5V
1-
-
mA
IL
leakage current
VI =VDD or VSS;
on pins CLK, SCL, SDA, A0,
A1, T1, and SA0
1-
+1
A
IL(OSC)
leakage current on pin
OSC
VI =VDD
1-
+1
A
CI
input capacitance
[6] --
7
pF
LCD outputs
V
O
output voltage variation
on pins BP0 to BP3 and
S0 to S31
100
-
+100
mV
RO
output resistance
VLCD = 5 V
[7]
on pins BP0 to BP3
-
1.5
-
k
on pins S0 to S31
-
6.0
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com