Electronic Components Datasheet Search
  English  ▼

X  

PCA85262 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA85262
Description  Automotive 32 x 4 LCD driver for low multiplex rates
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85262 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA85262 Datasheet HTML 9Page - NXP Semiconductors PCA85262 Datasheet HTML 10Page - NXP Semiconductors PCA85262 Datasheet HTML 11Page - NXP Semiconductors PCA85262 Datasheet HTML 12Page - NXP Semiconductors PCA85262 Datasheet HTML 13Page - NXP Semiconductors PCA85262 Datasheet HTML 14Page - NXP Semiconductors PCA85262 Datasheet HTML 15Page - NXP Semiconductors PCA85262 Datasheet HTML 16Page - NXP Semiconductors PCA85262 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
PCA85262
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
13 of 55
NXP Semiconductors
PCA85262
Automotive 32 x 4 LCD driver for low multiplex rates
6.3.5 Bank selection
6.3.5.1
Output bank selector
The output bank selector (see Table 9) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
particular LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
6.3.5.2
Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 9). The input bank selector functions independently to the output bank selector.
6.3.5.3
RAM bank switching
The PCA85262 includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. A bank can be thought of as one RAM row or a collection of RAM rows (see
Figure 5). The RAM bank switching gives the provision for preparing display information in
an alternative bank and to be able to switch to it once it is complete.
Fig 5.
RAM banks in static and multiplex driving mode 1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com