Electronic Components Datasheet Search
  English  ▼

X  

LTC2802 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2802
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2802 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2802 Datasheet HTML 8Page - Analog Devices LTC2802 Datasheet HTML 9Page - Analog Devices LTC2802 Datasheet HTML 10Page - Analog Devices LTC2802 Datasheet HTML 11Page - Analog Devices LTC2802 Datasheet HTML 12Page - Analog Devices LTC2802 Datasheet HTML 13Page - Analog Devices LTC2802 Datasheet HTML 14Page - Analog Devices LTC2802 Datasheet HTML 15Page - Analog Devices LTC2802 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2873
12
REV B
For more information www.analog.com
Figure 1. RS485 Driver DC Characteristics
Figure 2. RS485 Driver Output Current
Figure 3. RS485 Receiver Input Current and Resistance
Figure 4. RS485 Driver Timing Measurement
TEST CIRCUITS
2873 F01
DRIVER
DI
GND
OR
VL
A/DO
RL
RL
B/RI
VOD
+
–
VOC
+
–
2873 F02
DRIVER
A/DO OR
B/RI
DI
GND
OR
VL
B/RI
OR A/DO
VOUT
IOSD485
+–
2873 F03
RECEIVER
VIN
IIN485
RIN485 =
VIN
IIN485
+–
A/DO OR
B/RI
B/RI
OR A/DO
2873 F04
DRIVER
DI
A/DO
B/RI
RDIFF
CL
CL
tPLHD485
tSKEWD485
tPHLD485
tRD485
tFD485
90%
0V
VOD
½VOD
VL
0V
DI
B/RI
A/DO
A/RO – B/DI
10%
90%
0V
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com