Electronic Components Datasheet Search
  English  ▼

X  

LTC2802 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC2802
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2802 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC2802 Datasheet HTML 10Page - Analog Devices LTC2802 Datasheet HTML 11Page - Analog Devices LTC2802 Datasheet HTML 12Page - Analog Devices LTC2802 Datasheet HTML 13Page - Analog Devices LTC2802 Datasheet HTML 14Page - Analog Devices LTC2802 Datasheet HTML 15Page - Analog Devices LTC2802 Datasheet HTML 16Page - Analog Devices LTC2802 Datasheet HTML 17Page - Analog Devices LTC2802 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2873
14
REV B
For more information www.analog.com
Figure 9. RS232 Driver Timing and Slew Rate Measurements
Figure 10. RS232 Driver Enable and Disable Times
TEST CIRCUITS
2873 F09
DI
A/DO
CL
RL
tPHLD232
tPLHD232
tSKEWD232 = |tPHLD232 – tPLHD232|
tF
tR
DI
A/DO
SLEW RATE =
6V
tF OR tR
3V
–3V
0V
VOLD
VL
½VL
½VL
0V
3V
–3V
0V
VOHD
2873 F10
0V OR VL
SHDN
A/DO
CL
RL
tHZSD232
tLZSD232
SHDN
A/DO
A/DO
tZHSD232
tZLSD232
5V
–5V
0V
0V
0V
VOHD
VL
½VL
½VL
VOLD
0.5V
0.5V
Figure 11. RS232 Receiver Timing Measurements
Figure 12. RS232 Receiver Enable and Disable Times
2873 F11
tPHLR232
tSKEWR232 = |tPLHR232 – tPHLR232|
tPLHR232
tRR232
90%
1.5V
1.5V
½VL
10%
tFR232
90%
–3V
VL
+3V
½VL
10%
0V
RO
RO
B/RI
B/RI
CL
2873 F12
–3V OR +3V
SHDN
RO
GND
OR VL
CL
RL
tHZR232,
tHZSR232
tLZR232,
tLZSR232
SHDN
RO
RO
tZHR232,
tZHSR232
tZLR232,
½VL
½VL
0V
0V
VL
VOHR
VL
½VL
½VL
VOLR
tZLSR232
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com