Electronic Components Datasheet Search
  English  ▼

X  

LTC2802 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC2802
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2802 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC2802 Datasheet HTML 14Page - Analog Devices LTC2802 Datasheet HTML 15Page - Analog Devices LTC2802 Datasheet HTML 16Page - Analog Devices LTC2802 Datasheet HTML 17Page - Analog Devices LTC2802 Datasheet HTML 18Page - Analog Devices LTC2802 Datasheet HTML 19Page - Analog Devices LTC2802 Datasheet HTML 20Page - Analog Devices LTC2802 Datasheet HTML 21Page - Analog Devices LTC2802 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2873
18
REV B
For more information www.analog.com
APPLICATIONS INFORMATION
Powering Multiple Devices
Multiple LTC2873 devices can be powered using the boost
regulator from only one of the devices, requiring only
one inductor (L1) and charge pump cap (C1). Since the
RS232 drivers provide the primary load to the circuit, the
following guidelines apply:
1. No more than four RS232 drivers can be supplied from
a single device.
2. If more than two RS232 drivers are being supplied
from a single device, then the inductor, L1, must be
increased to 22µH and the charge pump cap, C1, must
be increased to 470nH, and VDD and VEE bypass caps
must be increased to 2.2µF.
3. Ground the SW pin on devices with inactive boost
converters.
4. Connect CAP pins together for all devices.
5. Connect VEE pins together for all devices.
6. Connect VDD pins together for all devices.
Figure32showsanexampleofhowtoconnectfourdevices.
Inductor Selection
A 10µH or 22μH (±20%) inductor with a saturation current
(ISAT) rating of at least 220mA and a DCR (copper wire
resistance) of less than 1.3Ω is required. Some very small
inductors meeting these requirements are listed in Table 1.
Capacitor Selection
The small size of ceramic capacitors makes them ideal
for the LTC2873. Use X5R or X7R dielectric types; their
ESR is low and they retain their capacitance over relatively
wide voltage and temperature ranges. Use a voltage rating
of at least 10V.
Running with External VDD and VEE Supplies
The inductor and charge pump cap, C1, can be omitted
only if VDDandVEEareexternallysupplied.Bypasscapson
VDD and VEE must remain in place. In this circumstance,
ground the SW pin and float the CAP pin. External supplies
must not exceed the absolute maximum levels of ±7.5V.
Ideal supply levels are 7.2V and –6.5V as these are each
just wider than the regulation points of 7.0V and –6.3V so
the internal feedback is satisfied and the switching stops.
Lower voltages can be used even at –6V and +6V but the
internal boost regulator will be switching. This may cause
some switching noise but will not harm the part. VDD
and VEE supplies must be present for proper operation in
RS232 mode and in RS485 mode when the termination
is enabled. It is okay to run the LTC2873 in RS485 mode
with internal termination disabled (TE485 high), when VDD
and VEE are not present or fully settled.
Inrush Current and Supply Overshoot Precaution
Incertainapplications,fastsupplyslewratesaregenerated
when power is connected. If the VCC voltage is greater
than 4.5V and its rise time is faster than 10µs, the pins
VDD and SW can exceed their absolute maximum values
during start-up. When supply voltage is applied to VCC,the
voltage difference between VCC and VDD generates inrush
currentflowingthroughinductorL1andcapacitorsC1and
C2. The peak inrush current must not exceed 2A. To avoid
this condition, add a 1Ω resistor as shown in Figure 17.
This precaution is not relevant for supply voltages below
4.5V or rise times longer than 10µs.
Table 1. Recommended Inductors
PART NUMBER
L (μH)
ISAT (mA)
MAX DCR (Ω)
SIZE (mm)
MANUFACTURER
74479888310
10
250
0.5
2.5 × 2 × 1
Wurth Elektronik
CBC2016T100K (or M)
10
380
1.07
2 × 1.6 × 1.6
Taiyo Yuden
www.t-yuden.com
CBC2518T220K (or M)
22
320
1.0
2.5 × 1.8 × 1.8
BRC2016T220K (or M)
22
310
1.3
2 × 1.6 × 1.6
LQH32CN220K53
22
250
0.92
3.2 × 2.5 × 1.6
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com