Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3315A
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 3.3V, unless otherwise noted.
Efficiency vs ILOAD,
VOUT = 0.8V, VIN = 2.25V
PGOOD, OV vs Temperature
Efficiency vs ILOAD,
VOUT = 0.8V, VIN = 3.3V
VOUT Load Regulation
Efficiency vs ILOAD,
VOUT = 0.8V, VIN = 5.5V
VOUT Line Regulation
Efficiency vs ILOAD,
VOUT = 1.2V, VIN = 2.25V
Efficiency vs ILOAD,
VOUT = 1.2V, VIN = 3.3V
Efficiency vs ILOAD,
VOUT = 1.2V, VIN = 5.5V
OV RISING
OV FALLING
PGOOD RISING
PGOOD FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
96
98
100
102
104
106
108
110
112
3315ab G16
VOUT = 1.2V
VIN = 5.5V
VIN = 5.0V
VIN = 3.3V
VIN = 2.25V
1m
10m
100m
1 2
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
3315ab G17
LOAD CURRENT (A)
VOUT = 1.2V
ILOAD = 0A
ILOAD = 2A
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
3315ab G18
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G19
L DCR = 17mΩ
L = 680nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G20
L DCR = 17mΩ
L = 680nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS
L DCR = 17mΩ
L = 680nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G21
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G22
L DCR = 19mΩ
L = 880nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G23
L DCR = 19mΩ
L = 880nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
3315ab G24
L DCR = 19mΩ
L = 880nH
fSW = 2MHz
BURST MODE
PULSE SKIP
FORCED CONTINUOUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com