Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3315A
8
Rev. A
For more information www.analog.com
Startup Transient, Pulse Skip
Mode
Transient Response, Pulse Skip
Mode
Startup Transient, FC Mode
Transient Response, FC Mode
Startup Transient, Burst Mode
Transient Response, Burst Mode
Operation
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 3.3V, unless otherwise noted.
10µs/DIV
ILOAD
1A/DIV
VOUT
50mV/DIV
IL
1A/DIV
3315ab G32
LOAD STEP: 0.1A TO 1.5A, 5A/µs
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V
10µs/DIV
ILOAD
1A/DIV
VOUT
50mV/DIV
IL
1A/DIV
3315ab G33
LOAD STEP: 0.1A TO 1.5A, 5A/µs
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V
LOAD STEP: 0.1A TO 1.5A, 5A/µs
10µs/DIV
ILOAD
1A/DIV
VOUT
50mV/DIV
IL
1A/DIV
3315ab G34
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V
200µs/DIV
EN
2V/DIV
VOUT
500mV/DIV
IL
500mA/DIV
PGOOD
5V/DIV
3315ab G35
RLOAD = 120Ω
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V
RLOAD = 120Ω
200µs/DIV
EN
2V/DIV
VOUT
500mV/DIV
IL
500mA/DIV
PGOOD
5V/DIV
3315ab G36
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V
RLOAD = 120Ω
200µs/DIV
EN
2V/DIV
VOUT
500mV/DIV
IL
500mA/DIV
PGOOD
5V/DIV
3315ab G37
REFER TO BUCK 1 IN TYPICAL APPLICATION:
DUAL 1.2V AND 0.8V 2MHz, 2A BUCK
REGULATORS, VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com