Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC3315A
12
Rev. A
For more information www.analog.com
The sleep time decreases as load current increases. In
Burst Mode operation, the regulator will burst at light
loads whereas at higher loads it will operate in constant
frequency PWM mode.
Synchronizing the Oscillator to an External Clock
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values
and improves transient response. Operation at lower
frequencies improves efficiency by reducing switching
losses but requires larger inductance and/or capaci-
tance values to maintain low output voltage ripple. The
LTC3315A operates at a default frequency of 2MHz.
The LTC3315A’s internal oscillator is synchronized
through an internal PLL circuit to an external frequency by
applying a square wave clock signal to the MODE/SYNC
pin. During synchronization, the Buck 1 PMOS turn-on is
locked to the rising edge of the external frequency source.
Buck 2 will be 180° out of phase with respect to Buck 1.
While syncing, the buck switching regulators operate in
forced continuous mode. The synchronization frequency
range is 1MHz to 3MHz.
After detecting an external clock on the SYNC pin, the
internal PLL starts up at the default frequency. The inter-
nal PLL then gradually adjusts its operating frequency to
match the frequency and phase of the SYNC signal.
When the external clock is removed the LTC3315A will
detect the absence of the external clock within approxi-
mately 10µs. During this time it will continue to provide
clock cycles. Once the external clock removal has been
detected, the oscillator will gradually adjust its operating
frequency back to the default.
Power Failure Reporting Via PGOOD Pin
Power failure faults are reported via the PGOOD pin.
Both buck switching regulators have an internal power
good (PGOOD) signal and if a buck is enabled its internal
PGOOD signal must be high for the PGOOD pin to be high.
OPERATION
When the regulated output voltage of an enabled buck
rises above 98% of its programmed value, the PGOOD
signal transitions high. If the regulated output voltage
subsequently falls below 97% of its programmed value,
the PGOOD signal is pulled low. If either enabled buck’s
internal PGOOD signal stays low for greater than 120μs,
then the PGOOD pin is pulled low, indicating to a micro-
processor that a power fault has occurred. The 120μs
filter time prevents the pin from being pulled low during a
transient event. In addition, whenever PGOOD transitions
high there will be a 120μs assertion delay.
The LTC3315A also reports overvoltage conditions at
the PGOOD pin. If either enabled buck regulator’s out-
put voltage rises above 110% of its programmed value,
the PGOOD pin is pulled low after 120μs. Similarly, if all
enabled outputs that are overvoltage subsequently fall
below 107.8% of their programmed value, the PGOOD
pin transitions high again after 120μs.
An error condition that pulls the PGOOD pin low is not
latched. When the error condition goes away, the PGOOD
pin is released and is pulled high if no other error condi-
tion exists. PGOOD is also pulled low in the following
scenarios: if neither buck switching regulator is enabled,
if VIN is below the UVLO threshold, or if the LTC3315A is
over temperature (see below).
Output Overvoltage Protection
During an output overvoltage event, when the FB pin
voltage is greater than 110% of its regulated value, the
LTC3315A PMOS will be turned off immediately.
An output overvoltage event should not happen under
normal operating conditions.
Overtemperature Protection
To prevent thermal damage, the LTC3315A incorporates
an overtemperature (OT) function. When the LTC3315A
die temperature reaches 165°C (typical, not tested) all
enabled buck switching regulators are shut down and
remain in shutdown until the die temperature falls to
160°C (typical, not tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com