Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC3315A
20
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Dual 1.2V and 0.8V 2MHz, 2A Buck Regulators, VIN = 3.3V
Dual 3.3V and 2.5V 2MHz, 2A Buck Regulators, VIN = 5V
680nH
33µF
140k
100k
6.8pF
10µF
560nH
60.4k
100k
10µF
33µF
10pF
1M
VIN
SW1
FB1
SW2
FB2
PGOOD
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315A
VIN
3.3V
VOUT1
VOUT1
1.2V, 2A
VOUT2
0.8V, 2A
fSW = 2MHz
3315A TA03
1.2µH
22µF
562k
100k
2.7pF
10µF
1.2µH
402k
100k
10µF
22µF
3.3pF
1M
VIN
SW1
FB1
SW2
FB2
PGOOD
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315A
VIN
5V
VIN
VOUT1
3.3V, 2A
VOUT2
2.5V, 2A
fSW = 2MHz
1µF
0201
1µF
0201
3315A TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com