Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS37B Datasheet HTML 9Page - Texas Instruments TPS37B Datasheet HTML 10Page - Texas Instruments TPS37B Datasheet HTML 11Page - Texas Instruments TPS37B Datasheet HTML 12Page - Texas Instruments TPS37B Datasheet HTML 13Page - Texas Instruments TPS37B Datasheet HTML 14Page - Texas Instruments TPS37B Datasheet HTML 15Page - Texas Instruments TPS37B Datasheet HTML 16Page - Texas Instruments TPS37B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
9.3 Feature Description
9.3.1 Input Voltage (VDD)
VDD operating voltage ranges from 2.7 V to 65 V. An input supply capacitor is not required for this device;
however, if the input supply is noisy good analog practice is to place a 0.1-µF capacitor between the VDD and
GND.
VDD needs to be at or above VDD(MIN) for at least the start-up time delay (tSD) for the device to be fully functional.
VDD voltage is independent of VSENSE and VRESET, meaning that VDD can be higher or lower than the other
pins.
9.3.1.1 Undervoltage Lockout (VPOR< VDD < UVLO)
When the voltage on VDD is less than the UVLO voltage, but greater than the power-on reset voltage (VPOR),
the output pins will be in reset, regardless of the voltage at SENSE pins.
9.3.1.2 Power-On Reset (VDD < VPOR )
When the voltage on VDD is lower than the power on reset voltage (VPOR), the output signal is undefined and is
not to be relied upon for proper device function.
VDD(MIN)
VPOR
UVLO(MIN)
VDD
RESETx
Active Low
RESETx
Active High
SENSEx
VOL
VOL
SENSE VOLTAGE OUTSIDE OF THRESHOLD
VITN > SENSEx > VITP
Undefined
tSD+tCTS1
Undefined
Output stays low since SENSE
is outside of threshold
Figure 9-2. Power Cycle (SENSE Outside of Nominal voltage) 2
2 Figure assume Pull-up resistor connected to VDD
www.ti.com
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com