Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 2 Page - Texas Instruments

  TPS37B Datasheet HTML 1Page - Texas Instruments TPS37B Datasheet HTML 2Page - Texas Instruments TPS37B Datasheet HTML 3Page - Texas Instruments TPS37B Datasheet HTML 4Page - Texas Instruments TPS37B Datasheet HTML 5Page - Texas Instruments TPS37B Datasheet HTML 6Page - Texas Instruments TPS37B Datasheet HTML 7Page - Texas Instruments TPS37B Datasheet HTML 8Page - Texas Instruments TPS37B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................4
Pin Functions Generic.......................................................5
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings ....................................... 7
7.2 ESD Ratings .............................................................. 7
7.3 Recommended Operating Conditions ........................7
7.4 Thermal Information ...................................................7
7.5 Electrical Characteristics ............................................8
7.6 Timing Requirements ...............................................10
8 Typical Characteristics..................................................11
9 Detailed Description......................................................12
9.1 Overview................................................................... 12
9.2 Functional Block Diagram......................................... 12
9.3 Feature Description...................................................13
10 Application and Implementation................................ 19
10.1 Adjustable Voltage Thresholds............................... 19
10.2 Application Information........................................... 19
11 Power Supply Recommendations..............................22
11.1 Power Dissipation and Device Operation................22
12 Layout...........................................................................23
12.1 Layout Guidelines................................................... 23
12.2 Layout Example...................................................... 23
12.3 Creepage Distance................................................. 23
13 Device and Documentation Support..........................24
13.1 Device Nomenclature..............................................24
13.2 Support Resources................................................. 26
13.3 Trademarks.............................................................26
13.4 Electrostatic Discharge Caution..............................26
13.5 Glossary..................................................................26
14 Mechanical, Packaging, and Orderable
Information.................................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2020
*
Initial release
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com