Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS37B Datasheet HTML 17Page - Texas Instruments TPS37B Datasheet HTML 18Page - Texas Instruments TPS37B Datasheet HTML 19Page - Texas Instruments TPS37B Datasheet HTML 20Page - Texas Instruments TPS37B Datasheet HTML 21Page - Texas Instruments TPS37B Datasheet HTML 22Page - Texas Instruments TPS37B Datasheet HTML 23Page - Texas Instruments TPS37B Datasheet HTML 24Page - Texas Instruments TPS37B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
10.2.1.1.2 Detailed Design Procedure
The main advantage of this unique application is being able to monitor a single AC source with a known
operating frequency AC source rail. Because the TPS37A is an over and undervoltage detector with delay
function, detecting faults either from a change of operating frequency range or voltage amplitude of the AC
source is achievable.
Figure 10-1 illustrates an example of how the TPS37A is monitoring an AC source. Input to SENSE1 of TPS37A
is monitoring a full wave rectifier DC signal. The DC signal is the result from the rectification of the 24 VAC
source and monitors the AC source for overvoltage events due to a change of voltage amplitude or an increase
to operating frequency. Input to SENSE2 of TPS37A will monitor the AC source by using a "resistive-drop"
supply topology circuit. The unique circuit resistively divides the AC voltage signal and provides only the positive
half wave Figure 10-2 into SENSE2 input. The half wave signal does not go through any output filter and hence
any change to the AC voltage or operating frequency can be rapidly detected. Knowing the operating frequency
of the AC source and converting to the time domain, the TPS37A SENSE2 delay can be programmed, by the
capacitor on CTS2 pin, to equal or be greater than one-half of the operating period (the frequency of the half
wave rectification signal) or the half cycle shown in Figure 10-2. When the half wave voltage amplitude falls
below the SENSE2 threshold voltage, the SENSE2 time delay counter begins to increment. If the next half wave
voltage amplitude exceeds the SENSE2 threshold voltage, the SENSE2 time delay counter will reset and the
TPS37A RESET2 pin will indicate no fault was detected. Conversely, if the voltage amplitude of the half wave
does not reach the SENSE2 threshold voltage within the programmed time delay of tCTS, a fault will occur. Also,
a fault can occur if the operating frequency from the AC source decreases, resulting in lower AC voltage
amplitude at the programmed time delay tCTS.
AC Early Fault Flag (RESET2)
t
FC = 1.25 ms
Half Cycle
t
CTS
Half Wave (SENSE2)
Full Cycle
t
HC = 0.625 ms
t
CTS
≤ tHC
Figure 10-2. Design 2 Timing Diagram
The TPS37A, with its ability of having a wide VDD range from 2.7V to 65V and under and overvoltage detection,
offers a unique “window operating” AC power rail monitoring solution. Combining SENSE delay feature with the
"resistive-drop" supply circuitry, detecting an undervoltage event on the half cycle of the AC power rail provides a
fast power fault response. Likewise, the TPS37A provides an overvoltage monitoring and SENSE delay fault
detection for the same AC power rail. With under and overvoltage supervision of the AC power rail, applications
needing a specific operating DC range to protect its subsystems is achieve through TPS37A. Good design
practice recommends using a 0.1-µF capacitor on the VDD pin and this capacitance may need to increase if
using an adjustable version with a resistor divider.
Note that this design solution is not isolated and one must take into account when planning to use in high power
systems.
www.ti.com
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com