Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS37B Datasheet HTML 12Page - Texas Instruments TPS37B Datasheet HTML 13Page - Texas Instruments TPS37B Datasheet HTML 14Page - Texas Instruments TPS37B Datasheet HTML 15Page - Texas Instruments TPS37B Datasheet HTML 16Page - Texas Instruments TPS37B Datasheet HTML 17Page - Texas Instruments TPS37B Datasheet HTML 18Page - Texas Instruments TPS37B Datasheet HTML 19Page - Texas Instruments TPS37B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
9.3.3 Output Logic Configurations
TPS37x has two channels with separate sense pins and reset pins that can be configured independently of each
other. Channel 1 is available as Open-Drain and Push-Pull while channel 2 is only available as Open-Drain
topology.
The available output logic configuration combinations are shown in Table 9-1.
Table 9-1. TPS37x Output Logic
DESCRIPTION
NOMENCLATURE
VALUE
GPN
TPS37 (+ topology)
CHANNEL 1
CHANNEL 2
Topology (OV and UV only)
both channels are either OV or
UV
•
UV = Undervoltage
•
OV = Overvoltage
•
PP = Push Pull
•
OD = Open Drain
•
L = Active low
•
H = Active high
TPS37A
OV OD L
UV OD L
TPS37B
OV PP H
UV OD L
TPS37C
OV OD L
UV OD H
TPS37D
OV PP H
UV OD H
TPS37E
OV OD L
UV OD H
TPS37F
OV PP H
UV OD L
TPS37G
OV OD L
UV OD H
TPS37H
OV OD H
UV OD L
TPS37I
OV PP L
UV PP L
TPS37J
OV PP H
UV PP L
9.3.3.1 Open-Drain
Open drain output requires an external pull-up resistor to hold the voltage high to the required voltage logic.
Connect the pull-up resistor to the proper voltage rail to enable the output to be connected to other devices at
the correct interface voltage levels.
To select the right pull-up resistor consider system V OH and the (I LKG) current provided in the electrical
characteristics, high resistors values will have a higher voltage drop affecting the output voltage high. The open-
drain output can be connected as a wired-AND logic with other open-drain signals such as another TPS37X
open-drain output pin.
9.3.3.2 Push-Pull
Push-Pull output does not require an external resistor since is the output is internally pulled-up to V DD.during
VOH condition and output will be connected to GND during VOH condition
9.3.3.3 Active-High (RESET)
RESET (active-high), denoted with no bar above the pin label. RESET remains low (VOL, deasserted) as long as
sense voltage is in normal operation within the threshold boundaries and VDD voltage is above UVLO. To assert
a reset sense pins needs to meet the condition below:
• For undervoltage variant the SENSE voltage need to cross the lower boundary (VITN).
• For overvoltage variant the SENSE voltage needs to cross the upper boundary (VITP).
9.3.3.4 Active-Low ( RESET)
RESET (active low) denoted with a bar above the pin label. RESET remains high voltage (V OH, deasserted)
(open drain variant VOH is qual to pullup voltage) as long as sense voltage is in normal operation within the
threshold boundaries and VDD voltage is above UVLO. To assert a reset sense pins needs to meet the condition
below:
• For undervoltage variant the SENSE voltage need to cross the lower boundary (VITN).
• For overvoltage variant the SENSE voltage needs to cross the upper boundary (VITP).
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com