Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS37B Datasheet HTML 16Page - Texas Instruments TPS37B Datasheet HTML 17Page - Texas Instruments TPS37B Datasheet HTML 18Page - Texas Instruments TPS37B Datasheet HTML 19Page - Texas Instruments TPS37B Datasheet HTML 20Page - Texas Instruments TPS37B Datasheet HTML 21Page - Texas Instruments TPS37B Datasheet HTML 22Page - Texas Instruments TPS37B Datasheet HTML 23Page - Texas Instruments TPS37B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
10.2.1 Typical Application
10.2.1.1 Design 1: High Voltage – Fast AC Signal Monitoring For Power Fault Detection
In many industrial and factory automation applications, there are multiple power rails that power various
subsystems within the application. Some of these power rails include 24 / 48 VAC AC sources with a known
operating frequency that requires a full-bridge rectifier and capacitors to convert its signal to a DC voltage where
it can be monitored by a voltage supervisor. One drawback with the described conversion is the response time of
the DC voltage when the AC power rail experiences a change of operating frequency or voltage amplitude. Due
to the output filter of the full-bridge rectifier, the detection in the change of voltage or operating frequency may
require several AC cycles before the voltage supervisor outputs a fault condition. The direct monitoring of the AC
source by using a “Resistive-Drop” supply topology circuit provides the user a fast transient fault detection. In
this design example, the TPS37A is being highlighted with the ability to offer a unique “window operating”
solution by monitoring the output of the AC source for over or undervoltage operation.
DC Supply
(Rec
ed)
AC Early Fault Flag
24 VAC
TPS37A
2.7V to 65V
R3
C1
VPull-Up
DC Fault Flag
D1
GND
UV SENSE2
OV SENSE1
VDD
RESET1
RESET2
CTS1
CTS2
* The circuit solu on is not isolated and one must take into account when planning to use in high power systems.
R
Pull-Up
R
Pull-Up
R1
R2
"Resis ve-Drop"
supply topology circuit
Figure 10-1. Sensing an AC Signal for Power Fault Detection
10.2.1.1.1 Design Requirements
This design requires voltage supervision on an AC, with a known operating frequency, power supply rail. The
overvoltage fault sensing is achieved by monitoring the DC output of a full bridge rectifier while the undervoltage
fault is detected by inputting a half wave signal and its voltage frequency and magnitude are being monitored.
The target output of this TPS37A application is for 5V reset logic.
.
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Power Rail Voltage Supervision
Monitor 24 VAC 800 Hz power supply for
undervoltage and overvoltage conditions. Trigger
undervoltage fault at 5 V and overvoltage fault at
24 V.
TPS37A provides voltage monitoring with 1.5%
max accuracy with adjustable/non-adjustable
variations.
Maximum Input Voltage
Operate with power supply input up to 34 V.
The TPS37A can support a VDD of up to 65 V.
Output logic voltage
Open-Drain Output Topology
An open-drain output is recommended to provide
the a 5 V reset signal.
SENSE Delay when a fault is
detected
RESET delay of at least 0.625 ms which is the time
between half wave cycles
CCTS2 = 5.6 nF sets 717 µs delay
Voltage Monitor Accuracy
Maximum voltage monitor accuracy of 1.5%.
The TPS37A has 1.5% maximum voltage monitor
accuracy.
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com