Electronic Components Datasheet Search
  English  ▼

X  

TPS37B Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS37B
Description  TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37B Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS37B Datasheet HTML 13Page - Texas Instruments TPS37B Datasheet HTML 14Page - Texas Instruments TPS37B Datasheet HTML 15Page - Texas Instruments TPS37B Datasheet HTML 16Page - Texas Instruments TPS37B Datasheet HTML 17Page - Texas Instruments TPS37B Datasheet HTML 18Page - Texas Instruments TPS37B Datasheet HTML 19Page - Texas Instruments TPS37B Datasheet HTML 20Page - Texas Instruments TPS37B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
9.3.4 User-Programmable Reset Time Delay
TPS37X has adjustable reset release time delay with external capacitors. Channel timing are independent of
each other .
• A capacitor in CTR1/MR program the reset time delay of Output 1.
• A capacitor in CTR2/MR program the reset time delay of Output 2.
• No capacitor on this pins gives the fastest reset delay time indicated in the Electrical Characteristics Table .
9.3.4.1 Reset Time Delay Configuration
The time delay (t CTR) can be programmed by connecting a capacitor between CTR1 pin and GND, CTR2 for
channel 2. In this section CTRx represent either channel 1 or channel 2.
The relationship between external capacitor CCTRx_EXT and the time delay (tCTRx) is given by Equation 1.
tCTRx = 1.28 x RCTRx x CCTRx_EXT
(1)
RCTRx = is in kilo ohms (kOhms)
CCTRX_EXT = is given in microfarads (uF)
tCTRx = is in milliseconds (ms)
9.3.4.2 User-Programmable Sense Delay
TPS37X has adjustable sense release time delay with external capacitors. Channel timing are independent of
each other. Sense delay is used as a deglitcher or ignoring known transients.
• A capacitor in CTS1 program the excursion detection on sense 1.
• A capacitor in CTS2 program the excursion detection on sense 2.
• No capacitor on this pins gives the fastest detection time indicated in the Electrical Characteristics Table.
9.3.4.3 Sense Time Delay Configuration
The time delay (t CTS) can be programmed by connecting a capacitor between CTR1 pin and GND, CTS2 for
channel 2. In this section CTRx represent either channel 1 or channel 2
The relationship between external capacitor CCTSx_EXT and the time delay (tCTSx) is given by Equation 2.
tCTSx = 1.28 x RCTSx x CCTSx_EXT
(2)
RCTSx = is in kilo ohms (kOhms)
CCTSX_EXT = is given in microfarads (uF)
tCTSx = is in milliseconds (ms)
www.ti.com
TPS37B, TPS37F
SNVSBJ1 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS37B TPS37F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com