Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BC840 Datasheet HTML 9Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 10Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 11Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 12Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 13Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 14Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 15Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 16Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
Pin Function
BC840
52840 CKAA
pin#
pin#
pin name
Descriptions
A0
J1
P1.01
GPIO
A1
K2
P0.25
GPIO
A2
K4
P0.19
GPIO
A3
J6
P0.17
GPIO
A4
K8
D+
USB D+
A5
J8
D-
USB D-
A6
H9
DCCH
DC to DC converter output
A7
J10
VDDH
High Voltage Power Supply
B0
H1
P1.04
GPIO
B1
J2
SWDIO
Serial Wire Debug Data I/O
B2
K3
P0.22
GPIO
B3
K7
P0.15
GPIO
B4
K6
P0.18
GPIO P0.18/reset
B5
J9
VBUS
5V DC power for USB 3.3V regulator
B6
F9
P0.07
GPIO
B7
G10
P0.12
GPIO
C0
G1
P1.07
GPIO
C1
H2
SWDCLK
Serial Wire Debug clock input
C2
J5
P0.20
GPIO
C3
J4
P0.21
GPIO
C4
J7
P0.14
GPIO
C5
G9
P1.08
GPIO
C6
F10
P1.09
GPIO
C7
E10
P0.08
GPIO
D0
J3
P1.00
GPIO
D1
G2
P1.05
GPIO
D2
F1
P0.09
GPIO, NFC antenna connection
D3
H6
P0.16
GPIO
D4
H7
P0.13
GPIO
D5
H8
P0.11
GPIO
D6
D9
P0.27
GPIO, configured as I2C SCL on EV-BC840
D7
E9
P0.06
GPIO
E0
F3
P1.03
GPIO
E1
E3
P1.06
GPIO
E2
E2
P0.10
GPIO, NFC antenna connection
E3
C6
P1.15
GPIO
E4
C7
P0.29/AIN5
GPIO, analog input 5
E5
C8
P0.31/AIN6
GPIO, analog input 6
E6
C9
P0.26/SDA
GPIO, configured as I2C SDA on EV-BC840
E7
C10
P0.04/AIN2
GPIO, analog input 2
F0
H5
P0.23
GPIO
!13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com