Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button BC840 Datasheet HTML 12Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 13Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 14Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 15Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 16Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 17Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 18Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 19Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
4. Bluetooth Range Measurements
Bluetooth range measurement hex codes can be downloaded from Bluetooth Range Measurements section
of this webpage.
http://www.fanstel.com/download-document/
Description of measurement site, measurement methods, and range raw data are available at:
https://www.fanstel.com/testreport/
Measurement Results
Bluetooth ranges are measured for antennas at two heights.
• 1.52 meters or 5 feet, the typical height of thermostat in the USA.
• Low Multiple Path Interference (LMPI) or 60% Fresnel zone clearance.
* Because of availability of nRF52840 CKAA SoC, Bluetooth range is measured from BC840E-ANT060 to
BT840E-ANT060. Ranges will be re-measured between two BC840Es when additional SoCs are received.
Deployment Recommendations
Sizes of modules of BC840 Series are similar. Measured ranges are from 4 meters to 1150 meters at 1Mbps.
Different applications are targeted.
• To have the best Bluetooth data reception, direct line of sight between 2 devices should be away from
ground or wall.
• BC840 is an ultra short range module for wearable applications.
• With larger PCB trace antenna, BC840M range is 400 meters at 125 Kbps. It can be used in a wide range
of applications, wearable, home automation, beacon, medical devices etc..
• Peak TX for BC840E with ANT060 is 15.38 dBm and range is measured at 3400 meters at 125 Kbps. It is
an ideal module for long range, battery powered applications.
• If one device must be installed closer to ground or a wall, install other devices far away from a wall or
ground.
• Indoor condition is different for different building. We suggest testing Bluetooth data reception in the
building with the worst case condition.
• B840 Series modules have compatible soldering pad footprint. Bluetooth range can be upgraded by
replacing module. No hardware change to the host board is required if your enclosure can accommodate
the longer module.
Data rate/Antenna height, meters
BC840
BC840M
BC840E-
ANT060*
BC840E-
ANT020
1Mbps/1.52 meters, between modules
4
135
850
125Kbps/1.52 meters, between modules
8
1400
1Mbps/LMPI, between modules
1150
125Kbps/LMPI, between modules
400
3400
1Mbps/1.52 meters with an Android phone
10
!16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com