Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button BC840 Datasheet HTML 16Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 17Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 18Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 19Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 20Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 21Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 22Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 23Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
Evaluation board can be used as a reference design for using modules..
Suggestion for Battery Power Application
Standby current consumption is important for battery-powered product. We suggest adding a 32.768 kHz
crystal and 2 capacitors on host board. The 32MHz main clock won’t be active at idle state to save power.
Two inductors required for on-board DC to DC converter are inside BC840 and BC840M. You can enable
DCDC converter to have lower power consumption.
!20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com