Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BC840 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 3Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 4Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 5Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 6Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 7Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 8Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
BC840, ultra compact and ultra short range module for wearable
•
At 1Mbps, range is 4 meters between modules and 10 meters with an Android phone.
•
Size: 7.0x9.0x1.5 mm.
BC840M, compact and good range module
•
Range is 400 meters at 125 Kbps and 135 meters at 1Mbps.
•
Size: 7.0x12.0x1.5mm. Antenna area width is 10.0mm.
BC840E, ultra compact and ultra long range module
•
With an u.FL connector for external antenna.
•
Size: 7.0x12.0x1.5 mm.
•
Certified with Fanstel ANT060 antenna for FCC and IC.
•
Certified with Fanstel ANT020 antenna for CE, RCM, and TELEC.
!4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com