Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BC840 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 3Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 4Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 5Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 6Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 7Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 8Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
1. Introduction
BluNor BC840 Series are powerful, highly flexible, ultra low power wireless modules using Nordic nRF52840
SoCs. With an ARM CortexTM M4F MCU, 1MB flash, 256KB RAM, embedded 2.4GHz multi-protocol
transceiver, and an integrated antenna, it allows faster time to market with reduced development cost.
The following is a block diagram of BC840. Antenna circuit and main clock are integrated. All 48 GPIOs of
nRF52840 can be accessed from main board. For lower power consumption at idle state, a 32.768 kHz crystal
can be added on the host board. Connection to an external NFC (Near Field Communication) antenna is
provided.
BC840 Block Diagram
BlueNor BC840M is a sister module of BC840. The physical size is slightly larger to accommodate longer
range PCB trace antenna. BC840E is with an u.FL connector for an external antenna.
BC840 and BC840M common features:
•
nRF52840 CKAA with Cortex M4F MCU
•
1MB flash, 256 KB RAM
•
Supports NFC
•
64 LGA pins
•
48 GPIOs
!3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com