Electronic Components Datasheet Search
  English  ▼

X  

BC840 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BC840 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 3Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 4Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 5Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 6Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 7Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 8Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
2. Codes Development Using Nordic Tools
Development tools by Nordic and other third party development tools recommended by Nordic should be
used .
Easy, fast and safe code development
Nordic development environment for nRF52840 offers a clean separation between application code
development and embedded protocol stacks. This means compile, link and run time dependencies with the
embedded stack and associated debugging challenges are removed. The Bluetooth low energy and ANT stack
is a pre-compiled binary, leaving application code to be compiled stand-alone. The embedded stack interface
uses an asynchronous and event driven model removing the need for RTOS frameworks.
Over-The-Air DFU
The nRF52840 is supported by an Over-The-Air Device Firmware Upgrade (OTA DFU) feature. This allows for
in the field updates of application software and SoftDevice.
SoftDevices
The Nordic protocol stacks are known as SoftDevices and complement the nRF52 Series SoCs. All nRF52
Series are programmable with software stacks from Nordic. This bring maximum flexibility to application
development and allows the latest stack version to be programmed into the SoC.
SoftDevices available from Nordic:
S140: Bluetooth low energy concurrent central/peripheral/observer/broadcaster stack.
Development Tools
Nordic Semiconductor provides a complete range of hardware and software development tools for the nRF52
Series devices. nRF52 DK board is recommended for firmware development.
Nordic software development tools can be downloaded from the following webpage.
http://infocenter.nordicsemi.com/index.jsp?topic=/com.nordic.infocenter.nrf52/dita/nrf52/development/
nrf52_dev_kit.html&cp=1_1
!5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com