Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 81Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 82Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 83Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 84Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 85Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 86Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 87Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 88Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Chapter 4: BIOS
85
Maximum Memory Frequency
Use this feature to set the maximum memory frequency for onboard memory modules. The
options are
Auto, 1067, 1200, 1333, 1400, 1600, 1800, 1867, 2000, 2133, 2200, and 2400.
Max TOLUD
This feature sets the maximum TOLUD value, which specifies the "Top of Low Usable
DRAM" memory space to be used by internal graphics devices, GTT Stolen Memory, and
TSEG, respectively, if these devices are enabled. The options are
Dynamic, 1 GB, 1.25
GB, 1.5 GB, 1.75 GB, 2 GB, 2.25 GB, 2.5 GB, 2.75 GB, 3 GB, 3.25 GB, and 3.5 GB.
Energy Performance Gain
Use this feature to enable or disable the energy performance gain. The options are
Disabled
and Enabled.
Memory Scrambler
Select Enabled to enable memory scrambler support. The options are Disabled and
Enabled.
Fast Boot
Use this feature to enable or disable fast path through the memory reference code. The
options are
Enabled and Disabled.
REFRESH_2X_MODE
Use this feature to select the refresh mode. The options are
Disabled, 1-Enabled for WARM
or HOT, and 2-Enabled HOT only.
Closed Loop Thermal Management
Use this feature to monitor the power consumption and temperature of the system to predict
a thermal trend. The options are Disabled and
Enabled.
PCH-IO Configuration
The following PCH-IO information will display:
• Intel PCH RC Version
• Intel PCH SKU Name
• Intel PCH Rev ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com